PART |
Description |
Maker |
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
2N5655 2N5656 2N5657 |
Power 1A 350V NPN POWER TRANSISTORS NPN SILICON Plastic NPN Silicon High-Voltage Power Transistor
|
ONSEMI[ON Semiconductor]
|
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|
MJ802 |
High-Power NPN Silicon Transistor 30 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA 30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
|
Motorola, Inc. ONSEMI[ON Semiconductor]
|
RX1214B80W RX1214B130Y |
NPN Microwave power transistor(NPN 微波功率晶体 L BAND, Si, NPN, RF POWER TRANSISTOR NPN microwave power transistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MJF31C MJF31CG MJF32C MJF32CG MJF31C-08 |
Complementary Silicon Plastic Power Transistors Bipolar Power T0220FP NPN 3A 100V ; Package: TO-220 3 LEAD FULLPAK; No of Pins: 3; Container: Rail; Qty per Container: 50 3 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
ON Semiconductor
|
2N3716 2N3715 ON0040 |
Slllcon NPN Power Translstors 10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2SC4960 2SC4960A |
Silicon NPN triple diffusion planar type(For power switching) 1 A, 900 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
MJE13005-TA3-T MJE13005-TF3-T MJE13005-TQ3-T |
NPN SILICON POWER TRANSISTORS 4 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 4 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-263AB
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
FMMTA06 |
NPN Med Power Transistor NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
|
ZETEX[Zetex Semiconductors]
|
BUT70W 8602 |
HIGH VOLTAGE NPN POWER TRANSISTOR HIGH POWER NPN TRANSISTOR From old datasheet system HIGH VOLTAGE NPN POWER TRANSISTOR 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|